Part Number Hot Search : 
XF8418 FDN342P 32UC3B1 25S64C AP201409 PR5334S HKKDD DF40PC3
Product Description
Full Text Search
 

To Download ILC7062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
ILC7062
SOT-23 CMOS LDO
Features
* Low Power Consumption: typ 2.0A at V OUT = 5V * All-CMOS design in SOT-23 and SOT-89 packages gives optimal size and power performances. * Highly accurate output 2% (1%) * Maximum output current: 250mA (Limited to 150mW power dissipation SOT-23, 500mW SOT-89) * Output Voltage Range: 2.0V to 6.0V
Description
250mA CMOS LDO in a SOT-23 package, featuring 120mV of dropout voltage at 100mA and 380mV at 200mA current levels. The part offers 2% accuracy on outputs, yet draws only 2A of current. Short-circuit protection is standard. The part comes in both 3-lead SOT-23 (150mW) and 3-lead SOT-89 (500mW) to handle a variety of voltage and current levels. Transient response to load variations have improved in comparison to the existing series. Low Power consumption and high accuracy is achieved through CMOS and laser trimming technologies.
Applications
* * * * Battery-powered Equipment Reference voltage sources Palmtops Portable cameras and video recorders
Typical Applications
VIN VIN C IN
1F (Tantalum)
VOUT CL VSS
1F (Tantalum)
RL
Rev.1.5
(c)2001 Fairchild Semiconductor Corporation
ILC7062
Pin Assignments
VIN 2
SOT-23
(TOP VIEW)
SOT-89
(TOP VIEW)
1 VSS
3 VOUT
1 VSS
2 VIN
3 VOUT
Internal Block Diagram
V IN
SHORT-CIRCUIT PROTECT
V OUT
+
REFERENCE VOLTAGE SOURCE
V SS
Absolute Maximum Ratings
Parameter Input Voltage Output Current (Note 3) Output Voltage (Note 1) Continuous Total Power Dissipation Operating Ambient Temperature Storage Temperature SOT-23 SOT-23 Topr Tstg Symbol VIN IOUTmax VOUT PD Ratings 12 500 VSS-0.3~VIN+0.3 150 500 -40~+85 -40~+125 C C Units V mA V mW
(c)2001 Fairchild Semiconductor Corporation
2
ILC7062
Electrical Characteristics ILC7062CP-50
TA = 25C Parameter Output Voltage Maximum Output Current Load Stability Input/Output Voltage Differential (Note 2) Supply Current Input Stability Input Voltage Output Voltage Temperature Characteristics Symbol VOUT IOUTmax VOUT Vdif Conditions IOUT = 40mA, VIN = 6.0V VIN = 6.0V, VOUT > 4.5V Conditions IOUT = 100mA IOUT = 200mA VIN = 6.0V IOUT = 40mA 6.0V < VIN < 10.0V Min. 4.90 250 Typ. 5.0 40 120 380 2 0.2 Max. 5.10 80 300 600 4.5 0.3 10.0 100 Units V mA mV mV A %/V V ppm/C
ISS VOUT VIN*VOUT VIN IOUT = 40mA VOUT Topr*VOUT -40C < Topr < 85C
Notes: 1. VOUT means the output voltage when "VOUT + 1.0V" is provided at the V IN pin while maintaining a certain IOUT value. 2. Vdif is defined as "V IN-VOUT" where V OUT = VSET X 0.98. 3. IOUT max = This is specified for SOT-89 package. For SOT-23, it is limited by continuous total power dissipation.
Electrical Characteristics ILC7062CP-33
TA = C Parameter Output Voltage Maximum Output Current Laod Stability Input/Output Voltage Differential (Note 2) Supply Current Input Stability Input Voltage Output Voltage Temperature Characteristics Symbol VOUT IOUTmax DVOUT Vdif ISS VOUT VIN*VOUT VIN VOUT Topr*VOUT IOUT = 40mA -30C < Topr < 80C 100 Conditons IOUT = 40mA, VIN = 4.3V VIN = 4.3V, VOUT > 2.97V VIN = 4.3V, 1mA < IOUT < 80mA IOUT = 80mA IOUT = 160mA VIN = 4.0V IOUT = 40mA 4.3V < VIN < 10.0V Min. 3.234 50 45 180 400 2 0.2 90 360 700 4.5 0.3 10.0 Typ. 3.300 Max. 3.366 Units V mA mV mV A %/V V ppm/C
(c)2001 Fairchild Semiconductor Corporation
3
ILC7062
Electrical Characteristics ILC7062CP-30
TA = 25C Parameter Output Voltage Maximum Output Current Load Stability Input/Output Voltage Differential (Note 2) Supply Current Input Stability Input Voltage Output Voltage Temperature Characteristics Symbol VOUT IOUTmax VOUT Vdif ISS Conditions IOUT = 40mA, VIN = 4.0V VIN = 4.0V, VOUT > 2.7V VIN = 4.0V, 1mA < IOUT < 80mA IOUT = 80mA IOUT = 160mA VIN = 4.0V Min. 2.94 150 45 180 400 2 0.2 90 360 700 4.5 0.3 10.0 IOUT = 40mA -30C < Topr < 80C 100 Typ. 3.0 Max. 3.06 Units V mA mV mV A %/V V ppm/C
IOUT = 40mA VOUT VIN*VOUT 4.0V < VIN < 10.0V VIN VOUT Topr*VOUT
Notes: 1. VOUT means the output voltage when "VOUT + 1.0V" is provided at the VIN pin while maintaing a certain IOUT value. 2. Vdif is defined as "VIN-VOUT" where VOUT = VSET X 0.98. 3. IOUT max = This is specified for SOT-89 package. For SOT-23, it is limited by continuous total power dissipation.
(c)2001 Fairchild Semiconductor Corporation
4
ILC7062
Typical Performance Characteristics General conditions for all curves
Output Voltage vs Output Current
3.1 OUTPUT VOLTAGE: VOUT(V)
VDO vs Output Current
0.5
ILC7062CP-30
VIN = 4.0V
ILC7062CP-30
0.4
Topr = 25C
VDO (V)
3.0
Topr = -40C 85C
0.3
85C
0.2 0.1
-40C
2.9
25C
0.0 -0.2 0 20 40 60 80 100 120 140 0 20 40 60 80 100 120 140 160 OUTPUT CURRENT I OUT(mA)
2.8 OUTPUT CURRENT I OUT (mA)
Output Voltage vs Input Voltage
ILC7062CP-30
Topr = 25C
Output Voltage vs Output Current
5.1 OUTPUT VOLTAGE: VOUT(V)
3.0
ILC7062CP-50
VIN = 6.0V
OUTPUT VOLTAGE VOUT (V)
IOUT = 1mA
2.8
40mA
5.0
Topr = -40C
2.6
10mA
85C
4.9
25C
2.4
4.8 0 40 80 120 160 200
2.2 2.5 3.0 INPUT VOLTAGE V IN (V) 3.5
OUTPUT CURRENT IOUT (mA)
Output Voltage vs Input Voltage Output Voltage vs Input Voltage
ILC7062CP-30
Topr = 25C
ILC7062CP-50
Topr = 25C
5.0
IOUT = 1mA
3.04 OUTPUT VOLTAGE VOUT (V) OUTPUT VOLTAGE VOUT (V) 3.03 3.02
IOUT = 1mA
4.8
40mA
3.01 3.00 2.99 2.98 2.97 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 INPUT VOLTAGE V IN (V)
4.6
10mA
4.4
4.2 4.5 5.0 INPUT VOLTAGE V IN (V) 5.5
(c)2001 Fairchild Semiconductor Corporation
5
ILC7062
Typical Performance Characteristics General conditions for all curves
Output Voltage vs Input Voltage
5.04 OUTPUT VOLTAGE: VOUT(V) 5.03
IOUT=1mA
IDD vs Input Voltage
ILC7062CP-30
Topr = 25C
ILC7062CP-50
Topr = 25C
0.98 0.97 0.96 0.95 0.94 0.93 4.99 0.92 4.98 5.0 6.0 7.0 8.0 9.0 10.0 0.91 3 4 5 6 7 8 9 10 INPUT VOLTAGE V IN (V) INPUT VOLTAGE V IN (V)
5.02 IDO (A)
5.01 5.00
VDO vs Output Current
0.8 0.6
Topr = 25C
IDD vs Topr
ILC7062CP-30
VIN = 4.0V
ILC7062CP-50
1.3
85C
1.2
-40C
0.4 VDO (V)
0.2 0.0 -0.2 -0.4 0 40 80 120 160 200
IDO (A)
1.1 1.0 0.9 0.8 0.7 0.6 -40 -20 0 20 40 Topr (C) 60 80 100
OUTPUT CURRENT I OUT(mA)
Output Voltage vs Temperature
ILC7062CP-30
VIN == 4.0V
Output Voltage vs Temperature
ILC7062CP-50
VIN = 6.0V
3.01 OUTPUT VOLTAGE VOUT (V) 3.00 2.99
40mA
5.01 OUTPUT VOLTAGE VOUT(V)
IOUT = 10mA
5.00
IOUT = 10mA
4.99 4.98
40mA
2.98 2.97 2.96 2.95 2.94 -40 -20 0 20 40 Topr (C) 60 80 100
4.97 4.96 4.95 4.94 -40 -20 0 20 40 Topr (C) 60 80 100
(c)2001 Fairchild Semiconductor Corporation
6
ILC7062
Typical Performance Characteristics General conditions for all curves
IDD vs Input Voltage
ILC7062CP-50
Topr = 25C
IDD vs Topr
ILC7062CP-50
VIN = 6.0V
1.40 1.39 1.38 IDO (A) 1.37 1.36 1.35 1.34 1.32 5 6 7 8 9 10 INPUT VOLTAGE V IN (V) IDO (A)
1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 -40 -20 0 20 40 60 80 100 Topr (C)
Line Transient Response
ILC7062CP-50
IOUT = 10mA Input Voltage
Load Transient Response
ILC7062CP-50
40mA Output Current VIN = 6V
6V
1mA
(V)
5.5
Output Voltage
(V) 5.5
Output Voltage
5.0 4.5 4.0 -1 0 1 Time (ms) 2 3
5.0 4.5 4.0 -1 0 1 Time (ms) 2 3
Ripple Rejection Rate
ILC7062CP-50 60
IOUT = 40mA
Ripple Rejection Rate
ILC7062CP-30 60
IOUT = 40mA
50 40
50 40
(dB)
(dB)
30 20 10 0 0.01 1 10
30 20 10 0 0.01 1 10
.1
.1
RIPPLE FREQUENCY (kHz)
RIPPLE FREQUENCY (kHz)
(c)2001 Fairchild Semiconductor Corporation
7
ILC7062
Ordering Information
ILC7062CP-50 ILC7062CM-50 ILC7062CP-46 ILC7062CP-33 ILC7062CP-30 ILC7062CP-25 ILC7062CM-25 5.0V output, SOT-89* 5.0V output, SOT-23-3** 4.6V output, SOT-89* 3.3V output, SOT-89* 3.0V output, SOT-89* 2.5V output, SOT-89* 2.5V output, SOT-23-3** *Max power dissipation of 500mW **Max power dissipation of 150mW *Standard product offering comes in tape & reel, quantity 3000 per reel, orientation right for SOT-23, quantity 1000 per reel, orientation right for SOT-89
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 10/15/01 0.0m 001 Stock#DSxxxxxxxx 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of ILC7062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X